Part Number Hot Search : 
103M1 59105LX EL2044CN BUP212 SP774BK FOD0720 BUT11A HT1380A
Product Description
Full Text Search
 

To Download 2CZ4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changji ang electronics technology co., lt d sod- 1 23 plastic-encapsulate www.cj-elec.com 1 diodes 2CZ4004 rectification diode features ? low leakage current ? ideal for surface mounted applications marking:z44 e lectrical characteristics(t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit i r = 100a 400 r everse voltage v (br) v v r = 400v 5 r everse current i r a f orward voltage v f i f =1a 1.1 v t otal capacitance c tot v r =4v,f=1mhz 15 pf s od-123 z44 z44 the marking bar indicates the cathode soli d dot = green molding compound device, if none,the normal device. maximum ra tings (t a =25 unless otherw is e noted) symbol paramete r value unit non-re petitiv e peak reverse voltage 400 v v r(rms) rms reverse voltag e 280 v i o a v era ge rectifi ed outp u t curre nt 1 a i fsm non-repetitiv e peak for ward surge current @ t= 8.3m s 7.5 a p d po w e r d i ssip a tion 350 mw r ja thermal resist ance from ju nction to ambient 357 /w t j junctio n tempe r ature 150 t stg st orage temp erature -55~+ 150 v r r everse voltage v rm f , mar ,201 5
www.cj-elec.com 2 typical characteristics 0 5 10 15 20 25 30 0 5 10 15 20 0 25 50 75 100 125 150 0 100 200 300 400 250 500 750 1000 1250 0.1 1 10 100 1000 10000 100 200 300 400 1 10 100 t a =25 f=1mhz cap aci tance characteristics capacitance between terminals c t (pf) reverse voltag e v r (v) pow e r derating curve power dissipat io n p d (mw) ambient t emperature ta ( ) for w ard characteristics forw ard voltage v f (mv) forward current i f (ma) t a = 2 5 t a = 1 0 0 50 rev e rse characteristics reverse vo ltag e v r (v) reverse current i r (na) t a =25 t a =100 f , mar ,201 5
zzzfmhohffrp   62'  3dfndjh2xwolqh'lphqvlrqv 62'   6xjjhvwhg3dg/d\ rxw  min max mi n ma x a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.450 0.650 0.018 0.026 c 0.080 0.150 0.003 0.006 d 1.500 1.700 0.059 0.067 e 2.600 2.800 0.102 0.110 e1 3.550 3.850 0.140 0.152 l l1 0.250 0.450 0.010 0.018  0 8 0 8 0.500 ref 0.020 ref symbol dimensions in millimeters dimensions in inches )  0du  
www.cj-elec.com 4


▲Up To Search▲   

 
Price & Availability of 2CZ4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X